Part Number Hot Search : 
2SK817 SAA7715H HC374 TZQ5227B XXXSP AD7837SQ UPD65530 CD6295A
Product Description
Full Text Search
 

To Download EPB5218G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Home Phone Networking Magnetics Module
ELECTRONICS INC.
EPB5218G
* Designed for HPNA 3.0 Applications * Robust construction allows for IR/VP processes * Improved Common Mode Attenuation
Electrical Parameters @ 25 C
Cut-off Frequency Lower Band 4 Upper Band 22 Insertion Loss 1 (dB Max/) 4.75 MHz-20.5 MHz -2 Return Loss (dB Min.) 4.75 MHz-20.5 MHz -12 Attenuation (dB Min.) 1.1 MHz 2.2 MHz -60 -34 24.3 MHz -8 100 MHz -60 Common to Differential (dB Min.) 200 KHz-50 MHz -40
* Note 1: Referenced to center frequency of 9.38 MHz * Filter Characteristic Impedance : 100 *
Schematic
Chip Side 1 3 2 BPF 9 Cable Side 10
Input Impedance
With 100 load across pins 1 and 2, please refer to the table below. The magnitude of the input impedance shall be > 10 from 0-30 MHz and shall conform to the following lower-bound mask: Frequency Range (KHz) Minimum Impedance 1M 100 K 10 K 4.0 K 2.0 K 1.4 K 1.0 K 850 700 600 525 450 Frequency Range (KHz) 855 < f < = 950 950 < f < = 1000 1000 < f < = 1400 1400 < f < = 2300 2300 < f < = 2850 2850 < f < = 3085 3085 < f < = 4000 4000 < f < = 4750 20250 < f < = 21000 21000 < f < = 25000 25000 < f < = 30000 Minimum Impedance 400 350 175 100 50 25 10 30 30 25 50
Pins 4,5,6,7,8,11,12,13,14,15 & 16
0 < f < = 0.285 0.285 < f < = 2.85 2.85 < f < = 28.5 28.5 < f < = 95 95 < f < = 190 190 < f < = 285 285 < f < = 380 380 < f < = 475 475 < f < = 570 570 < f < = 665 665 < f < = 760 760 < f < = 855
Package
1.000 (25.40) .150 (3.81) PCA EPB5218G Date Code .480 (12.19) .100 (2.54) .670 (17.02) Pad Layout
.090 (2.29)
Pin 1 I.D.
.700 (17.78) .010/.015 (.254/.381) .260 (6.60) 0-8
.030 (.762) .008/.012 (.203/.305)
.035 (.889) .016/.022 (.406/.559) .100 (2.54) .600 (15.24)
Unless Otherwise Specified Dimensions are in Inches /mm .010 /.25 PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
CSB5218G Rev. 3 5/21/03
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com


▲Up To Search▲   

 
Price & Availability of EPB5218G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X